Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA9620 Fiches technique(PDF) 18 Page - NXP Semiconductors

No de pièce PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Fiches technique(HTML) 18 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 14Page - NXP Semiconductors PCA9620 Datasheet HTML 15Page - NXP Semiconductors PCA9620 Datasheet HTML 16Page - NXP Semiconductors PCA9620 Datasheet HTML 17Page - NXP Semiconductors PCA9620 Datasheet HTML 18Page - NXP Semiconductors PCA9620 Datasheet HTML 19Page - NXP Semiconductors PCA9620 Datasheet HTML 20Page - NXP Semiconductors PCA9620 Datasheet HTML 21Page - NXP Semiconductors PCA9620 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
18 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
7.3.3 Recommended power-down sequences
With the following sequences the PCA9620 can be set to a state of minimum power
consumption, called power-down mode.
Fig 9.
Recommended start-up sequence when using an external supplied VLCD and an
external clock signal
Wait 1 ms
START
Initialize
command
013aaa252
Write RAM
content to be
displayed and
enable the
display
STOP
Apply external
clock signal
to pin CLK;
set OSC bit
logic 1
Power-on
VDD1, VDD2,
and VLCD
at the
same time
Initiate an
OTP-refresh
Fig 10. Recommended power-down sequence for minimum power-down current when
using the internal charge pump and the internal clock signal
Stop genera-
tion of VLCD
by setting bit
CPE logic 0
START
Disable dis-
play by setting
bit E logic 0
Disable tem-
perature mea-
surement by
setting bit
TME logic 0
013aaa253
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71