Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA9620 Fiches technique(PDF) 46 Page - NXP Semiconductors

No de pièce PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Fiches technique(HTML) 46 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 42Page - NXP Semiconductors PCA9620 Datasheet HTML 43Page - NXP Semiconductors PCA9620 Datasheet HTML 44Page - NXP Semiconductors PCA9620 Datasheet HTML 45Page - NXP Semiconductors PCA9620 Datasheet HTML 46Page - NXP Semiconductors PCA9620 Datasheet HTML 47Page - NXP Semiconductors PCA9620 Datasheet HTML 48Page - NXP Semiconductors PCA9620 Datasheet HTML 49Page - NXP Semiconductors PCA9620 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
46 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
In order to fill the whole RAM addresses 60 bytes need to be sent to the PCA9620. After
the last byte sent the data pointer is wrapped around to column 0 to start a possible RAM
content update (see Figure 40). In this case there is no situation possible where a
transmitted data byte can be written over the RAM boundary.
7.9.2 Bank selection
A RAM bank can be thought of as a collection of RAM rows. The PCA9620 includes a
RAM bank switching feature in the static, 1:2, and 1:4 multiplex drive modes.
The RAM bank switching gives the provision for preparing display information in an
alternative bank and to be able to switch to it once it is complete. Input and output banks
can be set independently from one another with the input-bank-select and the
output-bank-select commands; Figure 41 shows the concept.
Fig 39. Display RAM filling order in 1:8 multiplex drive mode
Fig 40. Data pointer wrap around in 1:8 multiplex drive mode
0
1
2
34
56
7
55 56 57 58 59
b0
b1
b2
b3
b4
b5
b6
b7
0
MSB
LSB
1
2
3
4
5
6
7
transmitted data byte
b7
b6
b5
b4
b3
b2
b1
b0
display RAM columns/segment outputs (S)
columns
display RAM rows/
backplane outputs
(BP)
rows
013aaa267
0
1
2
34
56
7
55 56 57 58 59
0
1
2
3
4
5
6
7
b7
b6
b5
b4
b3
b2
b1
b0
display RAM
data pointer
013aaa291
a7
a6
a5
a4
a3
a2
a1
a0
wrap around



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71