Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA9620 Fiches technique(PDF) 48 Page - NXP Semiconductors

No de pièce PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Fiches technique(HTML) 48 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 44Page - NXP Semiconductors PCA9620 Datasheet HTML 45Page - NXP Semiconductors PCA9620 Datasheet HTML 46Page - NXP Semiconductors PCA9620 Datasheet HTML 47Page - NXP Semiconductors PCA9620 Datasheet HTML 48Page - NXP Semiconductors PCA9620 Datasheet HTML 49Page - NXP Semiconductors PCA9620 Datasheet HTML 50Page - NXP Semiconductors PCA9620 Datasheet HTML 51Page - NXP Semiconductors PCA9620 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
48 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
7.9.2.2
Output-bank-select
The output-bank-select command (see Table 19 on page 10) selects the display RAM
transferring it to the display register in accordance with the selected LCD drive
configuration.
• In the static drive mode it is possible to request the content of RAM bank 1 (row 1) to
RAM bank 7 (row 7) for display instead of the default RAM bank 0 (row 0).
• In 1:2 multiplex drive mode, the content of RAM bank 2 (row 2 and row 3) or of RAM
bank 4 (row 4 and row 5) or of RAM bank 6 (row 6 and row 7) may be selected
instead of the default RAM bank 0 (row 0 and row 1).
• In 1:4 multiplex drive mode, the content of RAM bank 4 (row 4, 5, 6, and 7) may be
selected instead of RAM bank 0 (row 0, 1, 2, and 3).
The output-bank-select command works independently to the input-bank-select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71