| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA9620 Fiches technique(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9620 Fiches technique(HTML) 23 Page - NXP Semiconductors |
|
23 / 71 page ![]() PCA9620 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 1 — 9 December 2010 23 of 71 NXP Semiconductors PCA9620 Universal LCD driver for low multiplex rates 7.4.2 LCD drive mode waveforms 7.4.2.1 Static drive mode The static LCD drive mode is used when a single backplane is provided in the LCD. Vstate1(t) = VSn(t) − VBP0(t). Vstate2(t) = V(Sn + 1)(t) − VBP0(t). Von(RMS)(t) = VLCD. Voff(RMS)(t) = 0 V. Fig 15. Static drive mode waveforms (line inversion mode) 013aaa207 VSS VLCD VSS VLCD VSS VLCD VLCD −VLCD −VLCD VLCD state 1 0 V BP0 Sn Sn+1 state 2 0 V (a) Waveforms at driver. (b) Resultant waveforms at LCD segment. LCD segments state 1 (on) state 2 (off) Tfr |