Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXP45X Fiches technique(PDF) 52 Page - Intel Corporation

No de pièce IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Fiches technique(HTML) 52 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 48Page - Intel Corporation IXP45X Datasheet HTML 49Page - Intel Corporation IXP45X Datasheet HTML 50Page - Intel Corporation IXP45X Datasheet HTML 51Page - Intel Corporation IXP45X Datasheet HTML 52Page - Intel Corporation IXP45X Datasheet HTML 53Page - Intel Corporation IXP45X Datasheet HTML 54Page - Intel Corporation IXP45X Datasheet HTML 55Page - Intel Corporation IXP45X Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 148 page
background image
Package Information
August 2006
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Datasheet
52
Document Number: 306261-004US
HSS_TXCLK1
Z
Z
VB
VB
I/O
The High-Speed Serial (HSS) transmit clock signal can be configured as an input or an output. The
clock can be a frequency ranging from 512 KHz to 8.192 MHz. Used to clock out the transmitted
data. Configured as an input upon reset. Frame sync and Data can be selected to be generated on
the rising or falling edge of the transmit clock.
When this interface/signal is enabled and is not being used in a system design, the interface/
signal should be pulled high with a 10-KΩ resistor.
HSS_RXFRAME1
Z
Z
VB
VB
I/O
The High-Speed Serial (HSS) receive frame signal can be configured as an input or an output to
allow an external source to be synchronized with the received data. Often known as a Frame Sync
signal. Configured as an input upon reset.
When this interface/signal is enabled and is not being used in a system design, the interface/
signal should be pulled high with a 10-KΩ resistor. When this interface is disabled via the HSS soft
fuse (refer to Expansion Bus Controller chapter of the Intel® IXP45X and Intel® IXP46X Product
Line of Network Processors Developer’s Manual) and is not being used in a system design, this
interface/signal is not required for any connection.
HSS_RXDATA1
Z
VI
VI
VI
I
Receive data input. Can be sampled on the rising or falling edge of the receive clock.
When this interface/signal is enabled and is not being used in a system design, the interface/
signal should be pulled high with a 10-KΩ resistor. When this interface is disabled via the HSS soft
fuse (refer to Expansion Bus Controller chapter of the Intel® IXP45X and Intel® IXP46X Product
Line of Network Processors Developer’s Manual) and is not being used in a system design, this
interface/signal is not required for any connection.
HSS_RXCLK1
Z
Z
VB
VB
I/O
The High-Speed Serial (HSS) receive clock signal can be configured as an input or an output. The
clock can be from 512 KHz to 8.192 MHz. Used to sample the received data. Configured as an
input upon reset.
When this interface/signal is enabled and is not being used in a system design, the interface/
signal should be pulled high with a 10-KΩ resistor.
Table 13.
High-Speed, Serial Interface 1 (Sheet 2 of 2)
Name
Power
on
Reset†
Reset†
Normal
After
Reset
Until
Software
Enables
Possible
Configur
ations
After
Software
Enables
Type†
Description
Note:
This table discusses all features supported on the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors. For details on feature support listed by processor,
see Table 1 on page 13.
†
For a legend of the Type codes, see Table 8 on page 43.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More