Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXP45X Fiches technique(PDF) 37 Page - Intel Corporation

No de pièce IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Fiches technique(HTML) 37 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 33Page - Intel Corporation IXP45X Datasheet HTML 34Page - Intel Corporation IXP45X Datasheet HTML 35Page - Intel Corporation IXP45X Datasheet HTML 36Page - Intel Corporation IXP45X Datasheet HTML 37Page - Intel Corporation IXP45X Datasheet HTML 38Page - Intel Corporation IXP45X Datasheet HTML 39Page - Intel Corporation IXP45X Datasheet HTML 40Page - Intel Corporation IXP45X Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
August 2006
Datasheet
Document Number: 306261-004US
37
Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
3.2.12
Debug Unit
The debug unit is accessed through the JTAG port. The industry-standard, IEEE 1149.1
JTAG port consists of a test access port (TAP) controller, boundary-scan register,
instruction and data registers, and dedicated signals TDI, TDO, TCK, TMS, and TRST#.
The debug unit — when used with debugger application code running on a host system
outside of the Intel XScale® processor — allows a program, running on the Intel
XScale® processor, to be debugged. It allows the debugger application code or a debug
exception to stop program execution and redirect execution to a debug-handling
routine.
Debug exceptions are instruction breakpoint, data breakpoint, software breakpoint,
external debug breakpoint, exception vector trap, and trace buffer full breakpoint. Once
execution has stopped, the debugger application code can examine or modify the Intel
XScale® processor’s state, coprocessor state, or memory. The debugger application
code can then restart program execution.
The debug unit has two hardware-instruction, break point registers; two hardware,
data-breakpoint registers; and a hardware, data-breakpoint control register. The
second data-breakpoint register can be alternatively used as a mask register for the
first data-breakpoint register.
A 256-entry trace buffer provides the ability to capture control flow messages or
addresses. A JTAG instruction (LDIC) can be used to download a debug handler via the
JTAG port to the mini-instruction cache (the I-cache has a 2-Kbyte, mini-instruction
cache, like the mini-data cache, that is used only to hold a debug handler).
4.0
Package Information
This section contains information on the following topics:
• “Package Description” which includes “Package Drawings”, “Package Markings”,
and “Part Numbers”
• “Functional Signal Definitions” on page 43
• “Signal-Pin Descriptions” on page 77
• “Package Thermal Specifications” on page 102
4.1
Package Description
The IXP45X/IXP46X network processors are built using a 544-ball, plastic ball grid
array (PBGA) package with a drop-in heat spreader (H).
For all extended temperature products and the 667-MHz speed option of the
commercial temperature product, a 10-mm-high, thermal-adhesive-based heat sink
will be required. The heat sink does not force the addition of any surface area to the
board design.
4.1.1
Package Drawings
The package is shown in Figure 5 and Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More