| Moteur de recherche de fiches techniques de composants électroniques |
|
IXP45X Fiches technique(PDF) 45 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IXP45X Fiches technique(HTML) 45 Page - Intel Corporation |
|
45 / 148 page ![]() Package Information August 2006 Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Datasheet 45 Document Number: 306261-004US Table 10. DDR SDRAM Interface (Sheet 1 of 2) Name Power on Reset† Reset† Normal After Reset Until Software Enables Possible Configur ations After Software Enables Type† Description DDRI_CK[2:0] Z 0 VO VO O DDR SDRAM Clock Out — Provide the positive differential clocks to the external SDRAM memory subsystem. DDRI_CK_N[2:0] Z 1 VO VO O DDR SDRAM Clock Out — Provide the negative differential clocks to the external SDRAM memory subsystem. DDRI_CS_N[1:0] Z Z VO VO O Chip Select — Must be asserted for all transactions to the DDR SDRAM device. One per bank. DDRI_RAS_N Z Z VO VO O Row Address Strobe — Indicates that the current address on DDRI_MA[13:0] is the row. DDRI_CAS_N Z Z VO VO O Column Address Strobe — Indicates that the current address on DDRI_MA[13:0] is the column. DDRI_WE_N Z Z VO VO O Write Strobe — Defines whether or not the current operation by the DDR SDRAM is to be a read or a write. DDRI_DM[4:0] Z Z VO VO O Data Bus Mask — Controls the DDR SDRAM data input buffers. Asserting DDRI_WE_N causes the data on DDRI_DQ[31:0] and DDRI_CB[7:0] to be written into the DDR SDRAM devices. DDRI_DM[4:0] controls this operation on a per byte basis. DDRI_DM[3:0] are intended to correspond to each byte of a word of data. DDRI_DM[4] is intended to be utilized for the ECC byte of data. DDRI_BA[1:0] Z Z VO VO O DDR SDRAM Bank Selects — Controls which of the internal DDR SDRAM banks to read or write. DDRI_BA[1:0] are used for all technology types supported. DDRI_MA[13:0] Z Z VO VO O Address bits 13 through 0 — Indicates the row or column to access depending on the state of DDRI_RAS_N and DDRI_CAS_N. DDRI_DQ[31:0] Z VB VB VB I/O Data Bus — 32-bit wide data bus. DDRI_CB[7:0] Z VB VB VB I/O ECC Bus — Eight-bit error correction code which accompanies the data on DDRI_DQ[31:0]. When ECC is disabled and not being used in a system design, these signals are not required for any connection. DDRI_DQS[4:0] Z VB VB VB I/O Data Strobes Differential — Strobes that accompany the data to be read or written from the DDR SDRAM devices. Data is sampled on the negative and positive edges of these strobes. DDRI_DQS[3:0] are intended to correspond to each byte of a word of data. DDRI_DQS4] is intended to be utilized for the ECC byte of data. DDRI_CKE[1:0] Z b’00 VO VO O Clock enables — One clock after DDRI_CKE[1:0] is de-asserted, data is latched on DQ[31:0] and DDRI_CB[7:0]. Burst counters within DDR SDRAM device are not incremented. De- asserting this signal places the DDR SDRAM in self-refresh mode. For normal operation, DDRI_CKE[1:0] must be asserted. Note: This table discusses all features supported on the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors. For details on feature support listed by processor, see Table 1 on page 13. † For a legend of the Type codes, see Table 8 on page 43. |