Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXP45X Fiches technique(PDF) 43 Page - Intel Corporation

No de pièce IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Fiches technique(HTML) 43 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 39Page - Intel Corporation IXP45X Datasheet HTML 40Page - Intel Corporation IXP45X Datasheet HTML 41Page - Intel Corporation IXP45X Datasheet HTML 42Page - Intel Corporation IXP45X Datasheet HTML 43Page - Intel Corporation IXP45X Datasheet HTML 44Page - Intel Corporation IXP45X Datasheet HTML 45Page - Intel Corporation IXP45X Datasheet HTML 46Page - Intel Corporation IXP45X Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
August 2006
Datasheet
Document Number: 306261-004US
43
Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
4.2
Functional Signal Definitions
The signal definition tables list pull-up and pull-down resistor recommendations when
the particular enabled interface is not being used in the application. These external
resistor requirements are only needed if the particular model of IXP45X/IXP46X
network processors has the particular interface enabled and the interface is not
required in the application.
Warning:
None of the IXP45X/IXP46X network processors’ I/O pins are 5-V tolerant.
Disabled features within the IXP45X/IXP46X network processors do not require
external resistors, as the processor will have internal pull-up or pull-down resistors
enabled as part of the disabled interface. To determine which interfaces are not enabled
within the IXP45X/IXP46X network processors, see Table 1 on page 13.
Table 8 presents the legend for interpreting the Type field in the other tables in this
section of the document.
4.2.1
Pin Description Tables
This section identifies all the signal pins by symbol name, type and description. Names
should follow the following convention, all capital letters with a trailing “_N” indicate a
signal is asserted when driven to a logic low (digital 0). The description includes the full
name of the pin along with a functional description. This section does not specify the
number of power and ground pins required, but does include the number of different
types of power pins required.
Table 8.
Signal Type Definitions
Symbol
Description
I
Input pin only
O
Output pin only
I/O
Pin can be either an input or output
OD
Open Drain pin
PWR
Power pin
GND
Ground pin
1
Driven to Vcc
0
Driven to Vss
X
Driven to unknown state
ID
Input is disabled
H
Pulled up to Vcc
L
Pulled to Vss
PD
Pull-up Disabled
Z
Output Disabled
VO
A valid output level is driven, allowed states - 1, 0, H
VB
Valid level on the signal, allowed states - 1, 0, H, Z
VI
Need to drive a valid input level, allowed states - 1, 0, H,
Z
VOD
Valid Open Drain output, allowed states are 0 or Z
PE
Pull-up Enabled, equivalent to H
TRI
Output Only/Tristatable
ePU
External 10K ohm Pull-Up is required on the board
N/C
No Connect
-
Pin must be connected as described



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More