Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXP45X Fiches technique(PDF) 74 Page - Intel Corporation

No de pièce IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Fiches technique(HTML) 74 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 70Page - Intel Corporation IXP45X Datasheet HTML 71Page - Intel Corporation IXP45X Datasheet HTML 72Page - Intel Corporation IXP45X Datasheet HTML 73Page - Intel Corporation IXP45X Datasheet HTML 74Page - Intel Corporation IXP45X Datasheet HTML 75Page - Intel Corporation IXP45X Datasheet HTML 76Page - Intel Corporation IXP45X Datasheet HTML 77Page - Intel Corporation IXP45X Datasheet HTML 78Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 148 page
background image
Package Information
August 2006
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Datasheet
74
Document Number: 306261-004US
JTG_TDO
Z
VO/Z
VO / Z
VO / Z
TRI
Output data for the IEEE 1149.1 JTAG interface.
JTG_TRST_N
H
VI/H
VI
VI
I
Used to reset the IEEE 1149.1 JTAG interface.
Important:
The JTG_TRST_N signal must be asserted (driven low) during power-up, otherwise the TAP controller
will not be initialized properly and the processor may be locked.
When the JTAG interface is not being used, the signal must be pulled low using a 10-KΩ resistor.
JTG_TCK
Z
VI
VI
VI
I
Used as the clock for the IEEE 1149.1 JTAG interface.
Table 24.
System Interface (Sheet 1 of 2)
Name
Power
on
Reset†
Reset†
Normal
After
Reset
Until
Software
Enables
Possible
Configur
ations
After
Software
Enables
Type†
Description
BYPASS_CLK
Z
VI
VI
VI
I
Used for test purposes only.
Must be pulled high using a 10-KΩ resistor for normal operation.
SCANTESTMODE_N
VI/H
VI/H
VI / H
VI / H
I
Used for test purposes only.
Must be pulled high using a 10-KΩ resistor for normal operation.
RESET_IN_N
VI/H
VI/H
VI / H
VI / H
I
Used as a reset input to the device when PWRON_RESET_N is in an inactive state and once
power up conditions are met. Power up conditions include the following:
— Power supplies reaching a safe stable condition and
— The PLL achieving a locked state
PWRON_RESET_N
VI/H
VI/H
V I/ H
VI / H
I
Signal used at power up to reset all internal logic to a known state after the PLL has achieved a
locked state. The PWRON_RESET_N signal is a 3.3-V signal.
HIGHZ_N
VI / H
VI / H
VI / H
VI / H
I
Used for test purposes only.
Must be pulled high using a 10-KΩ resistor for normal operation.
Note:
This table discusses all features supported on the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors. For details on feature support listed by processor,
see Table 1 on page 13.
†
For a legend of the Type codes, see Table 8 on page 43.
Table 23.
JTAG Interface (Sheet 2 of 2)
Name
Power
on
Reset†
Reset†
Normal
After
Reset
Until
Software
Enables
Possible
Configur
ations
After
Software
Enables
Type†
Description
Note:
This table discusses all features supported on the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors. For details on feature support listed by processor,
see Table 1 on page 13.
†
For a legend of the Type codes, see Table 8 on page 43.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More