Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXP45X Fiches technique(PDF) 141 Page - Intel Corporation

No de pièce IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Fiches technique(HTML) 141 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 137Page - Intel Corporation IXP45X Datasheet HTML 138Page - Intel Corporation IXP45X Datasheet HTML 139Page - Intel Corporation IXP45X Datasheet HTML 140Page - Intel Corporation IXP45X Datasheet HTML 141Page - Intel Corporation IXP45X Datasheet HTML 142Page - Intel Corporation IXP45X Datasheet HTML 143Page - Intel Corporation IXP45X Datasheet HTML 144Page - Intel Corporation IXP45X Datasheet HTML 145Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
August 2006
Datasheet
Document Number: 306261-004US
141
Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
TSR
SCL and SDA Rise Time
1000
20+0.1Cb
300
ns
3
TSF
SCL and SDA Fall Time
300
20+0.1Cb
300
ns
3
TSUSTO
Setup Time for STOP Condition
4
0.6
μs
Table 78.
I2C Interface Timing Values (Sheet 2 of 2)
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
Notes
Notes:
1.
Not tested
2.
After this period, the first clock pulse is generated
3.
Cb = capacitance of one bus line in pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More