Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

910GL Fiches technique(PDF) 426 Page - Intel Corporation

No de pièce 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Fiches technique(HTML) 426 Page - Intel Corporation

Back Button 910GL Datasheet HTML 418Page - Intel Corporation 910GL Datasheet HTML 419Page - Intel Corporation 910GL Datasheet HTML 420Page - Intel Corporation 910GL Datasheet HTML 421Page - Intel Corporation 910GL Datasheet HTML 422Page - Intel Corporation 910GL Datasheet HTML 423Page - Intel Corporation 910GL Datasheet HTML 424Page - Intel Corporation 910GL Datasheet HTML 425Page - Intel Corporation 910GL Datasheet HTML 426Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 426 / 426 page
background image
Testability
R
426
Datasheet
15.7
PADs Excluded from XOR Mode(s)
A large number of pads do not support XOR testing. The majority of the pads that fall into this
category are analog related pins (see Table 15-23).
Table 15-23. XOR Pad Exclusion List
PCI Express*
Host Interface
System Memory
Misc
GCLKN
HCLKN
SRCOMP1
DREFCLKN
GCLKP
HCLKP
SRCOMP0
DREFCLKP
EXP_COMPO
HRCOMP
SMVREF1
BLUE
EXP_COMPI
HSCOMP
SMVREF0
BLUE#
HVREF
SOCOMP1
GREEN
HSWING
SOCOMP0
GREEN#
SM_SLEWOUT1
RED
SM_SLEWOUT0
RED#
SM_SLEWIN1
RSTIN#
SM_SLEWIN0
HSYNC
VSYNC
REFSET
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More