| Moteur de recherche de fiches techniques de composants électroniques |
|
910GL Fiches technique(PDF) 424 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
910GL Fiches technique(HTML) 424 Page - Intel Corporation |
|
424 / 426 page ![]() Testability R 424 Datasheet Table 15-21. DDR2 XOR Chain #8 Pin Count Ball # DDR2 Signal Name Comments 1 F11 EXP_RXN0 For SDVO interface signal name, see ballout table. 2 C9 EXP_TXN0 For SDVO interface signal name, see ballout table. 3 H11 EXP_RXN1 For SDVO interface signal name, see ballout table. 4 A8 EXP_TXN1 For SDVO interface signal name, see ballout table. 5 E9 EXP_RXN2 For SDVO interface signal name, see ballout table. 6 C7 EXP_TXN2 For SDVO interface signal name, see ballout table. 7 E7 EXP_RXN3 For SDVO interface signal name, see ballout table. 8 A6 EXP_TXN3 For SDVO interface signal name, see ballout table. 9 B4 EXP_RXN4 For SDVO interface signal name, see ballout table. 10 C5 EXP_TXN4 For SDVO interface signal name, see ballout table. 11 E5 EXP_RXN5 For SDVO interface signal name, see ballout table. 12 D2 EXP_TXN5 For SDVO interface signal name, see ballout table. 13 G5 EXP_RXN6 For SDVO interface signal name, see ballout table. 14 F3 EXP_TXN6 For SDVO interface signal name, see ballout table. 15 H7 EXP_RXN7 For SDVO interface signal name, see ballout table. 16 G1 EXP_TXN7 For SDVO interface signal name, see ballout table. 17 J5 EXP_RXN8 For SDVO interface signal name, see ballout table. 18 H3 EXP_TXN8 For SDVO interface signal name, see ballout table. 19 K7 EXP_RXN9 For SDVO interface signal name, see ballout table. 20 J1 EXP_TXN9 For SDVO interface signal name, see ballout table. 21 L5 EXP_RXN10 For SDVO interface signal name, see ballout table. 22 K3 EXP_TXN10 For SDVO interface signal name, see ballout table. 23 R10 EXP_RXN11 For SDVO interface signal name, see ballout table. 24 L1 EXP_TXN11 For SDVO interface signal name, see ballout table. 25 M7 EXP_RXN12 For SDVO interface signal name, see ballout table. 26 M3 EXP_TXN12 For SDVO interface signal name, see ballout table. 27 N5 EXP_RXN13 For SDVO interface signal name, see ballout table. 28 N1 EXP_TXN13 For SDVO interface signal name, see ballout table. 29 P8 EXP_RXN14 For SDVO interface signal name, see ballout table. 30 P3 EXP_TXN14 For SDVO interface signal name, see ballout table. 31 R5 EXP_RXN15 For SDVO interface signal name, see ballout table. 32 R1 EXP_TXN15 For SDVO interface signal name, see ballout table. 33 E11 EXP_RXP0 For SDVO interface signal name, see ballout table. 34 C10 EXP_TXP0 For SDVO interface signal name, see ballout table. 35 J11 EXP_RXP1 For SDVO interface signal name, see ballout table. 36 A9 EXP_TXP1 For SDVO interface signal name, see ballout table. 37 F9 EXP_RXP2 For SDVO interface signal name, see ballout table. 38 C8 EXP_TXP2 For SDVO interface signal name, see ballout table. 39 F7 EXP_RXP3 For SDVO interface signal name, see ballout table. 40 A7 EXP_TXP3 For SDVO interface signal name, see ballout table. 41 B3 EXP_RXP4 For SDVO interface signal name, see ballout table. 42 C6 EXP_TXP4 For SDVO interface signal name, see ballout table. 43 D5 EXP_RXP5 For SDVO interface signal name, see ballout table. 44 C2 EXP_TXP5 For SDVO interface signal name, see ballout table. 45 G6 EXP_RXP6 For SDVO interface signal name, see ballout table. |