| Moteur de recherche de fiches techniques de composants électroniques |
|
910GL Fiches technique(PDF) 425 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
910GL Fiches technique(HTML) 425 Page - Intel Corporation |
|
425 / 426 page ![]() Testability R Datasheet 425 Pin Count Ball # DDR2 Signal Name Comments 46 E3 EXP_TXP6 For SDVO interface signal name, see ballout table. 47 H8 EXP_RXP7 For SDVO interface signal name, see ballout table. 48 F1 EXP_TXP7 For SDVO interface signal name, see ballout table. 49 J6 EXP_RXP8 For SDVO interface signal name, see ballout table. 50 G3 EXP_TXP8 For SDVO interface signal name, see ballout table. 51 K8 EXP_RXP9 For SDVO interface signal name, see ballout table. 52 H1 EXP_TXP9 For SDVO interface signal name, see ballout table. 53 L6 EXP_RXP10 For SDVO interface signal name, see ballout table. 54 J3 EXP_TXP10 For SDVO interface signal name, see ballout table. 55 P10 EXP_RXP11 For SDVO interface signal name, see ballout table. 56 K1 EXP_TXP11 For SDVO interface signal name, see ballout table. 57 M8 EXP_RXP12 For SDVO interface signal name, see ballout table. 58 L3 EXP_TXP12 For SDVO interface signal name, see ballout table. 59 N6 EXP_RXP13 For SDVO interface signal name, see ballout table. 60 M1 EXP_TXP13 For SDVO interface signal name, see ballout table. 61 P7 EXP_RXP14 For SDVO interface signal name, see ballout table. 62 N3 EXP_TXP14 For SDVO interface signal name, see ballout table. 63 R6 EXP_RXP15 For SDVO interface signal name, see ballout table. 64 P1 EXP_TXP15 For SDVO interface signal name, see ballout table. H16 BSEL0 XOR Chain #8 Output Table 15-22. DDR2 XOR Chain #9 Pin Count Ball # DDR2 Signal Name Comments 1 U6 DMI_RXN0 2 U5 DMI_RXP0 3 T3 DMI_TXN0 4 R3 DMI_TXP0 5 T8 DMI_RXN1 6 T9 DMI_RXP1 7 U1 DMI_TXN1 8 T1 DMI_TXP1 9 V8 DMI_RXN2 10 V7 DMI_RXP2 11 V3 DMI_TXN2 12 U3 DMI_TXP2 13 U10 DMI_RXN3 14 V10 DMI_RXP3 15 W5 DMI_TXN3 16 V5 DMI_TXP3 E15 BSEL1 XOR Chain #9 Output |