Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

910GL Fiches technique(PDF) 305 Page - Intel Corporation

No de pièce 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Fiches technique(HTML) 305 Page - Intel Corporation

Back Button 910GL Datasheet HTML 301Page - Intel Corporation 910GL Datasheet HTML 302Page - Intel Corporation 910GL Datasheet HTML 303Page - Intel Corporation 910GL Datasheet HTML 304Page - Intel Corporation 910GL Datasheet HTML 305Page - Intel Corporation 910GL Datasheet HTML 306Page - Intel Corporation 910GL Datasheet HTML 307Page - Intel Corporation 910GL Datasheet HTML 308Page - Intel Corporation 910GL Datasheet HTML 309Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 426 page
background image
Ballout and Package Information
R
Datasheet
305
Table 14-2. GMCH/MCH Ballout for DDR2 Systems (Sorted by Signal Name)
Intel
® 82915P MCH 1
Intel
® 82915G GMCH 2
Intel
® 82915GV GMCH 3
Ball #
HDSTBP3#
HDSTBP3#
HDSTBP3#
B29
HEDRDY#
HEDRDY#
HEDRDY#
P33
HHIT#
HHIT#
HHIT#
L34
HHITM#
HHITM#
HHITM#
N35
HLOCK#
HLOCK#
HLOCK#
L33
HPCREQ#
HPCREQ#
HPCREQ#
E31
HRCOMP
HRCOMP
HRCOMP
B23
HREQ0#
HREQ0#
HREQ0#
F33
HREQ1#
HREQ1#
HREQ1#
E32
HREQ2#
HREQ2#
HREQ2#
H31
HREQ3#
HREQ3#
HREQ3#
G31
HREQ4#
HREQ4#
HREQ4#
F31
HRS0#
HRS0#
HRS0#
K34
HRS1#
HRS1#
HRS1#
P34
HRS2#
HRS2#
HRS2#
J32
HSCOMP
HSCOMP
HSCOMP
D24
HSWING
HSWING
HSWING
A23
RSV
HSYNC
HSYNC
E12
HTRDY#
HTRDY#
HTRDY#
N34
HVREF
HVREF
HVREF
A24
ICH_SYNC#
ICH_SYNC#
ICH_SYNC#
M14
MTYPE
MTYPE
MTYPE
C15
NC
NC
NC
A2
NC
NC
NC
A34
NC
NC
NC
A35
NC
NC
NC
AA12
NC
NC
NC
AB12
NC
NC
NC
AC23
NC
NC
NC
AC24
NC
NC
NC
AD30
NC
NC
NC
AG6
NC
NC
NC
AH24
NC
NC
NC
AJ14
NC
NC
NC
AL28
NC
NC
NC
AN19
NC
NC
NC
AP1
NC
NC
NC
AP35
NC
NC
NC
AR1
NC
NC
NC
AR2
NC
NC
NC
AR34
NC
NC
NC
AR35
NC
NC
NC
B1
NC
NC
NC
B35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More