Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

910GL Fiches technique(PDF) 303 Page - Intel Corporation

No de pièce 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Fiches technique(HTML) 303 Page - Intel Corporation

Back Button 910GL Datasheet HTML 299Page - Intel Corporation 910GL Datasheet HTML 300Page - Intel Corporation 910GL Datasheet HTML 301Page - Intel Corporation 910GL Datasheet HTML 302Page - Intel Corporation 910GL Datasheet HTML 303Page - Intel Corporation 910GL Datasheet HTML 304Page - Intel Corporation 910GL Datasheet HTML 305Page - Intel Corporation 910GL Datasheet HTML 306Page - Intel Corporation 910GL Datasheet HTML 307Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 426 page
background image
Ballout and Package Information
R
Datasheet
303
Table 14-2. GMCH/MCH Ballout for DDR2 Systems (Sorted by Signal Name)
Intel
® 82915P MCH 1
Intel
® 82915G GMCH 2
Intel
® 82915GV GMCH 3
Ball #
HADSTB0#
HADSTB0#
HADSTB0#
J31
HADSTB1#
HADSTB1#
HADSTB1#
N27
HBNR#
HBNR#
HBNR#
M35
HBPRI#
HBPRI#
HBPRI#
E30
HBREQ0#
HBREQ0#
HBREQ0#
R33
HCLKN
HCLKN
HCLKN
M22
HCLKP
HCLKP
HCLKP
M23
HCPURST#
HCPURST#
HCPURST#
G24
HD0
HD0
HD0
J33
HD1
HD1
HD1
H33
HD2
HD2
HD2
J34
HD3
HD3
HD3
G35
HD4
HD4
HD4
H35
HD5
HD5
HD5
G34
HD6
HD6
HD6
F34
HD7
HD7
HD7
G33
HD8
HD8
HD8
D34
HD9
HD9
HD9
C33
HD10
HD10
HD10
D33
HD11
HD11
HD11
B34
HD12
HD12
HD12
C34
HD13
HD13
HD13
B33
HD14
HD14
HD14
C32
HD15
HD15
HD15
B32
HD16
HD16
HD16
E28
HD17
HD17
HD17
C30
HD18
HD18
HD18
D29
HD19
HD19
HD19
H28
HD20
HD20
HD20
G29
HD21
HD21
HD21
J27
HD22
HD22
HD22
F28
HD23
HD23
HD23
F27
HD24
HD24
HD24
E27
HD25
HD25
HD25
E25
HD26
HD26
HD26
G25
HD27
HD27
HD27
J25
HD28
HD28
HD28
K25
HD29
HD29
HD29
L25
HD30
HD30
HD30
L23
HD31
HD31
HD31
K23
HD32
HD32
HD32
J22
HD33
HD33
HD33
J24
HD34
HD34
HD34
K22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More