Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

910GL Fiches technique(PDF) 304 Page - Intel Corporation

No de pièce 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Fiches technique(HTML) 304 Page - Intel Corporation

Back Button 910GL Datasheet HTML 300Page - Intel Corporation 910GL Datasheet HTML 301Page - Intel Corporation 910GL Datasheet HTML 302Page - Intel Corporation 910GL Datasheet HTML 303Page - Intel Corporation 910GL Datasheet HTML 304Page - Intel Corporation 910GL Datasheet HTML 305Page - Intel Corporation 910GL Datasheet HTML 306Page - Intel Corporation 910GL Datasheet HTML 307Page - Intel Corporation 910GL Datasheet HTML 308Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 426 page
background image
Ballout and Package Information
R
304
Datasheet
Table 14-2. GMCH/MCH Ballout for DDR2 Systems (Sorted by Signal Name)
Intel
® 82915P MCH 1
Intel
® 82915G GMCH 2
Intel
® 82915GV GMCH 3
Ball #
HD35
HD35
HD35
J21
HD36
HD36
HD36
M21
HD37
HD37
HD37
H23
HD38
HD38
HD38
M19
HD39
HD39
HD39
K21
HD40
HD40
HD40
H20
HD41
HD41
HD41
H19
HD42
HD42
HD42
M18
HD43
HD43
HD43
K18
HD44
HD44
HD44
K17
HD45
HD45
HD45
G18
HD46
HD46
HD46
H18
HD47
HD47
HD47
F17
HD48
HD48
HD48
A25
HD49
HD49
HD49
C27
HD50
HD50
HD50
C31
HD51
HD51
HD51
B30
HD52
HD52
HD52
B31
HD53
HD53
HD53
A31
HD54
HD54
HD54
B27
HD55
HD55
HD55
A29
HD56
HD56
HD56
C28
HD57
HD57
HD57
A28
HD58
HD58
HD58
C25
HD59
HD59
HD59
C26
HD60
HD60
HD60
D27
HD61
HD61
HD61
A27
HD62
HD62
HD62
E24
HD63
HD63
HD63
B25
HDBSY#
HDBSY#
HDBSY#
L35
HDEFER#
HDEFER#
HDEFER#
J35
HDINV0#
HDINV0#
HDINV0#
E34
HDINV1#
HDINV1#
HDINV1#
J26
HDINV2#
HDINV2#
HDINV2#
K19
HDINV3#
HDINV3#
HDINV3#
B26
HDRDY#
HDRDY#
HDRDY#
M32
HDSTBN0#
HDSTBN0#
HDSTBN0#
E35
HDSTBN1#
HDSTBN1#
HDSTBN1#
F26
HDSTBN2#
HDSTBN2#
HDSTBN2#
F19
HDSTBN3#
HDSTBN3#
HDSTBN3#
C29
HDSTBP0#
HDSTBP0#
HDSTBP0#
E33
HDSTBP1#
HDSTBP1#
HDSTBP1#
H26
HDSTBP2#
HDSTBP2#
HDSTBP2#
J19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More