Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM357-RTR Fiches technique(PDF) 73 Page - List of Unclassifed Manufacturers

No de pièce EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Fiches technique(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 69Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 70Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 71Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 72Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 73Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 74Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 75Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 76Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 240 page
background image
EM351 / EM357
8.2
Configuration
Before using a serial controller, configure and initialize it as follows:
Set up the parameters specific to the operating mode (master/slave for SPI, baud rate for UART, etc.).
Configure the GPIO pins used by the serial controller as shown in Table 8-1 and Table 8-2. Section 2 in
Chapter 7, GPIO shows how to configure GPIO pins.
If using DMA, set up the DMA and buffers. This is described fully in section 8.7.
If using interrupts, select edge- or level-triggered interrupts with the SCx_INTMODE register, enable
the desired second-level interrupt sources in the INT_SCxCFG register, and finally enable the top-level
SCx interrupt in the NVIC.
Write the serial interface operating mode — SPI, TWI, or UART — to the SCx_MODE register.
Table 8-1. SC1 GPIO Usage and Configuration
PB1
PB2
PB3
PB4
SPI - Master
SC1MOSI
Alternate Output
(push-pull)
SC1MISO
Input
SC1SCLK
Alternate Output
(push-pull)
(not used)
SPI - Slave
SC1MISO
Alternate Output
(push-pull)
SC1MOSI
Input
SC1SCLK
Input
SC1nSSEL
Input
TWI - Master
SC1SDA
Alternate Output
(open-drain)
SC1SCL
Alternate Output
(open-drain)
(not used)
(not used)
UART
TXD
Alternate Output
(push-pull)
RXD
Input
nCTS
Input1
nRTS
Alternate Output (push-
pull)1
1 used if RTS/CTS hardware flow control is enabled.
Table 8-2. SC2 GPIO Usage and Configuration
PA0
PA1
PA2
PA3
SPI - Master
SC2MOSI
Alternate Output
(push-pull)
SC2MISO
Input
SC2SCLK
Alternate Output
(push-pull)
(not used)
SPI - Slave
SC2MOSI
Input
SC2MISO
Alternate Output
(push-pull)
SC2SCLK
Input
SC2nSSEL
Input
TWI - Master
(not used)
SC2SDA
Alternate Output
(open-drain)
SC2SCL
Alternate Output
(open-drain)
(not used)
8-2
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More