| Moteur de recherche de fiches techniques de composants électroniques |
|
EM357-RTR Fiches technique(PDF) 67 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM357-RTR Fiches technique(HTML) 67 Page - List of Unclassifed Manufacturers |
|
67 / 240 page ![]() EM351 / EM357 GPIO_IRQxSEL GPIO_IRQCSEL Interrupt C Select Register Address: 0x4000BC14 Reset: 0xF GPIO_IRQDSEL Interrupt D Select Register Address: 0x4000BC18 Reset: 0x10 Substitute C or D in the detailed description below. 31 30 29 28 27 26 25 24 0 0 0 0 0 0 0 0 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 0 0 0 0 0 0 0 0 7 6 5 4 3 2 1 0 0 0 0 SEL_GPIO Bitname Bitfield Access Description SEL_GPIO [4:0] RW Pin assigned to IRQx. 0x00: PA0. 0x01: PA1. 0x02: PA2. 0x03: PA3. 0x04: PA4. 0x05: PA5. 0x06: PA6. 0x07: PA7. 0x08: PB0. 0x09: PB1. 0x0A: PB2. 0x0B: PB3. 0x0C: PB4. 0x0D: PB5. 0x0E: PB6. 0x0F: PB7. 0x10: PC0. 0x11: PC1. 0x12: PC2. 0x13: PC3. 0x14: PC4. 0x15: PC5. 0x16: PC6. 0x17: PC7. 0x18 - 0x1F: Reserved. 7-18 120-035X-000D Preliminary |