| Moteur de recherche de fiches techniques de composants électroniques |
|
EM357-RTR Fiches technique(PDF) 60 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM357-RTR Fiches technique(HTML) 60 Page - List of Unclassifed Manufacturers |
|
60 / 240 page ![]() EM351 / EM357 GPIO_PxCFGH GPIO_PACFGH Port A Configuration Register (High) Address: 0x4000B004 Reset: 0x4444 GPIO_PBCFGH Port B Configuration Register (High) Address: 0x4000B404 Reset: 0x4444 GPIO_PCCFGH Port C Configuration Register (High) Address: 0x4000B804 Reset: 0x4444 Substitute A, B, or C for x in the following detail description. 31 30 29 28 27 26 25 24 0 0 0 0 0 0 0 0 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 Px7_CFG Px6_CFG 7 6 5 4 3 2 1 0 Px5_CFG Px4_CFG Bitname Bitfield Access Description Px7_CFG [15:12] RW GPIO configuration control. 0x0: Analog, input or output (GPIO_PxIN always reads 1). 0x1: Output, push-pull (GPIO_PxOUT controls the output). 0x4: Input, floating. 0x5: Output, open-drain (GPIO_PxOUT controls the output). 0x8: Input, pulled up or down (selected by GPIO_PxOUT: 0 = pull-down, 1 = pull-up). 0x9: Alternate output, push-pull (peripheral controls the output). 0xD: Alternate output, open-drain (peripheral controls the output). Px6_CFG [11:8] RW GPIO configuration control: see Px7_CFG above. Px5_CFG [7:4] RW GPIO configuration control: see Px7_CFG above. Px4_CFG [3:0] RW GPIO configuration control: see Px7_CFG above. 7-11 120-035X-000D Preliminary |