Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM357-RTR Fiches technique(PDF) 59 Page - List of Unclassifed Manufacturers

No de pièce EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Fiches technique(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 55Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 56Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 57Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 58Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 59Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 60Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 61Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 62Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 240 page
background image
EM351 / EM357
7-10
120-035X-000D
Preliminary
7.11
Registers
GPIO_PxCFGL
GPIO_PACFGL
Port A Configuration Register (Low)
Address: 0x4000B000 Reset: 0x4444
GPIO_PBCFGL
Port B Configuration Register (Low)
Address: 0x4000B400 Reset: 0x4444
GPIO_PCCFGL
Port C Configuration Register (Low)
Address: 0x4000B800 Reset: 0x4444
Substitute A, B, or C for x in the following detail description.
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
Px3_CFG
Px2_CFG
7
6
5
4
3
2
1
0
Px1_CFG
Px0_CFG
Bitname
Bitfield
Access
Description
Px3_CFG
[15:12]
RW
GPIO configuration control.
0x0: Analog, input or output (GPIO_PxIN always reads 1).
0x1: Output, push-pull (GPIO_PxOUT controls the output).
0x4: Input, floating.
0x5: Output, open-drain (GPIO_PxOUT controls the output).
0x8: Input, pulled up or down (selected by GPIO_PxOUT: 0 = pull-down, 1 = pull-up).
0x9: Alternate output, push-pull (peripheral controls the output).
0xD: Alternate output, open-drain (peripheral controls the output).
Px2_CFG
[11:8]
RW
GPIO configuration control: see Px3_CFG above.
Px1_CFG
[7:4]
RW
GPIO configuration control: see Px3_CFG above.
Px0_CFG
[3:0]
RW
GPIO configuration control: see Px3_CFG above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More