Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM357-RTR Fiches technique(PDF) 30 Page - List of Unclassifed Manufacturers

No de pièce EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Fiches technique(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 26Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 27Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 28Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 29Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 30Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 31Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 32Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 33Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 240 page
background image
EM351 / EM357
Figure 5-2. EM357 ARM
® CortexTM-M3 Memory Map
Main Flash Block (192kB)
Lower mapping
(Normal Mode)
0x00000000
0x0002FFFF
RAM (12kB)
mapped onto System
interface
0x20000000
0x20002FFF
RAM bit band
alias region
mapped onto System
interface
(not used)
0x22000000
0x22002000
Flash
RAM
Peripheral
Registers
mapped onto System
interface
Register bit band
alias region
mapped onto System
interface
(not used)
0x40000000
0x40000XXX
0x42000000
0x42002XXX
Not used
Private periph bus (internal)
Not used
Private periph bus (external)
Not used
Not used
Not used
0xE0000000
ITM
DWT
FPB
NVIC
TPIU
ROM table
0xE0001000
0xE0002000
0xE0003000
0xE000E000
0xE000F000
0xE003FFFF
0xE0040000
0xE0041000
0xE0042000
0xE00FF000
0xE00FFFFF
0xE0000000
0x00000000
0x20000000
0x40000000
0x60000000
0xA0000000
0xFFFFFFFF
0xDFFFFFFF
0x9FFFFFFF
0x5FFFFFFF
0x3FFFFFFF
0x1FFFFFFF
Fixed Info Block (2kB)
0x08040000
0x080407FF
0x08040FFF
0x08040800
Main Flash Block (192kB)
Upper mapping
(Boot mode)
0x08000000
0x0802FFFF
Fixed Info Block (2kB)
Optional boot mode
maps Fixed Info Block
to the start of memory
0x000007FF
Not used
Not used
Customer Info Block (2kB)
5-3
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More