Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM357-RTR Fiches technique(PDF) 120 Page - List of Unclassifed Manufacturers

No de pièce EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Fiches technique(HTML) 120 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 116Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 117Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 118Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 119Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 120Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 121Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 122Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 123Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 124Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 240 page
background image
EM351 / EM357
8-49
120-035X-000D
Preliminary
SCx_RXERRB
SC1_RXERRB
DMA First Receive Error Register B
Address: 0x4000C838 Reset: 0x0
SC2_RXERRB
DMA First Receive Error Register B
Address: 0x4000C038 Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
SC_RXERRB
7
6
5
4
3
2
1
0
SC_RXERRB
Bitname
Bitfield
Access
Description
SC_RXERRB
[13:0]
R
The offset from the start of DMA receive buffer B of the first byte received with a parity,
frame, or overflow error. Note that an overflow error occurs at the input to the receive
FIFO, so this offset is 4 bytes before the overflow position. If there is no error, it reads
zero. This register will not be updated by subsequent errors until the buffer unloads and
is reloaded, or the receive DMA is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More