Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE610 Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce STMPE610
Description  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610 Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button STMPE610 Datasheet HTML 38Page - STMicroelectronics STMPE610 Datasheet HTML 39Page - STMicroelectronics STMPE610 Datasheet HTML 40Page - STMicroelectronics STMPE610 Datasheet HTML 41Page - STMicroelectronics STMPE610 Datasheet HTML 42Page - STMicroelectronics STMPE610 Datasheet HTML 43Page - STMicroelectronics STMPE610 Datasheet HTML 44Page - STMicroelectronics STMPE610 Datasheet HTML 45Page - STMicroelectronics STMPE610 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
GPIO controller
STMPE610
42/56
Doc ID 15432 Rev 3
GPIO_SET_PIN
GPIO set pin register
Address:
0x10
Type:
R/W
Reset:
0x00
Description:
GPIO set pin register.
Writing 1 to this bit causes the corresponding GPIO to go to 1 state.
Writing 0 has no effect.
GPIO_CLR_PIN
Clear pin state register
Address:
0x11
Type:
R/W
Reset:
0x00
Description:
GPIO clear pin state register.
Writing ‘1’ to this bit causes the corresponding GPIO to go to 0 state.
Writing ‘0’ has no effect.
GPIO_MP_STA
GPIO monitor pin state register
Address:
0x12
Type:
R/W
Reset:
0x00
Description:
GPIO monitor pin state.
Reading this bit yields the current state of the bit. Writing has no effect.
GPIO_DIR
GPIO set pin direction
Address:
0x13
Type:
R/W
Reset:
0x00
Description:
GPIO set pin direction register.
Writing ‘0’ sets the corresponding GPIO to input state, and ‘1’ sets it to output state.
All bits are ‘0’ on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56