| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE610 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE610 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 56 page ![]() STMPE610 I2C and SPI interface Doc ID 15432 Rev 3 7/56 3 I2C and SPI interface 3.1 Interface selection The STMPE610 interfaces with the host CPU via a I2C or SPI interface. The pin IN_1 allows the selection of interface protocol at reset state. Figure 3. STMPE610 interface Table 5. Interface selection pins Pin I2C function SPI function Reset state 3 Address 0 Data out CPHA for SPI 4 Clock Clock − 5 SDATA CS CPOL_N for SPI 7 − Data in − 9MODE I2C set to ‘0’ Set to ‘1’ for SPI SPI I/F module I C I/F module DIN DOUT CLK CS SDAT SCLK A0 MUX unit 2 |