Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE610 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STMPE610
Description  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STMPE610 Datasheet HTML 20Page - STMicroelectronics STMPE610 Datasheet HTML 21Page - STMicroelectronics STMPE610 Datasheet HTML 22Page - STMicroelectronics STMPE610 Datasheet HTML 23Page - STMicroelectronics STMPE610 Datasheet HTML 24Page - STMicroelectronics STMPE610 Datasheet HTML 25Page - STMicroelectronics STMPE610 Datasheet HTML 26Page - STMicroelectronics STMPE610 Datasheet HTML 27Page - STMicroelectronics STMPE610 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Analog-to-digital converter
STMPE610
24/56
Doc ID 15432 Rev 3
9
Analog-to-digital converter
An 8-input,12-bit analog-to-digital converter (ADC) is integrated in the STMPE610. The ADC
can be used as a generic analog-to-digital converter, or as a touchscreen controller capable
of controlling a 4-wire resistive touchscreen.
AddINT_EN
Table 13.
ADC controller register summary table
Address
Register name
Size
Description
0x20
ADC_CTRL1
8
ADC control
0x21
ADC_CTRL2
8
ADC control
0x22
ADCCapture
8
To initiate ADC data acquisition
0x30
ADC_DATA_CH0
8
ADC channel 0 (IN3/GPIO-3)
0x32
ADC_DATA_CH1
8
ADC channel 1 (IN2/GPIO-2)
0x38
ADC_DATA_CH4
8
ADC channel 4 (TSC)
0x3A
ADC_DATA_CH5
8
ADC channel 5 (TSC)
0x3C
ADC_DATA_CH6
8
ADC channel 6 (TSC)
0x3E
ADC_DATA_CH7
8
ADC channel 7 (TSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56