| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE610 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE610 Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 56 page ![]() Pin configuration and functions STMPE610 6/56 Doc ID 15432 Rev 3 2.1 Pin functions The STMPE610 is designed to provide maximum features and flexibility in a very small pin- count package. Most of the pins are multi-functional. The following table shows how to select the pin’s function. Table 3. IN2, IN3 pin configuration Pin / control register GPIO_AF = 1 GPIO_AF = 0 ADC control 1 bit 1 = don’t care ADC control 1 bit 1 = 0 ADC control 1 bit 1 = 1 IN2 GPIO-2 ADC External reference + IN3 GPIO-3 ADC External reference - Table 4. X, Y pin configuration Pin / control register GPIO_AF = 1 GPIO_AF = 0 TSC control 1 bit 0 = don’t care TSC control 1 bit 0 = 0 TSC control 1 bit 0 = 1 X+ GPIO-4 ADC TSC X+ Y+ GPIO-5 ADC TSC Y+ X- GPIO-6 ADC TSC X- Y- GPIO-7 ADC TSC Y- |