Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE610 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STMPE610
Description  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STMPE610 Datasheet HTML 4Page - STMicroelectronics STMPE610 Datasheet HTML 5Page - STMicroelectronics STMPE610 Datasheet HTML 6Page - STMicroelectronics STMPE610 Datasheet HTML 7Page - STMicroelectronics STMPE610 Datasheet HTML 8Page - STMicroelectronics STMPE610 Datasheet HTML 9Page - STMicroelectronics STMPE610 Datasheet HTML 10Page - STMicroelectronics STMPE610 Datasheet HTML 11Page - STMicroelectronics STMPE610 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
I2C interface
STMPE610
8/56
Doc ID 15432 Rev 3
4
I2C interface
The addressing scheme of STMPE610 is designed to allow up to 2 devices to be connected
to the same I2C bus.
Figure 4.
STMPE610 I2C interface
For the bus master to communicate to the slave device, the bus master must initiate a Start
condition and be followed by the slave device address. Accompanying the slave device
adress, is a read/write bit (R/W). The bit is set to 1 for read and 0 for write operation. If a
match occurs on the slave device address, the corresponding device gives an acknowledge
on the SDA during the 9th bit time. If there is no match, it deselects itself from the bus by not
responding to the transaction.
Figure 5.
I2C timing diagram
Table 6.
I2C address
ADDR0
Address
00 x 82
10 x 88
ADDR0
SCLK
SDAT
SCLK
SDAT
GND
VCC
STMPE610
AM00753V
AI00589
SDA
P
tSU:STO
tSU:STA
tHD:STA
SR
SCL
tSU:DAT
tF
tHD:DAT
tR
tHIGH
tLOW
tHD:STA
tBUF
S
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56