Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1715ARMZ-R7 Fiches technique(PDF) 26 Page - Analog Devices

No de pièce ADP1715ARMZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1715ARMZ-R7 Fiches technique(HTML) 26 Page - Analog Devices

Back Button ADP1715ARMZ-R7 Datasheet HTML 22Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 23Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 24Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 25Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 26Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 27Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 28Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 29Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
EZ-KIT Lite Session Startup
1-6
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
3. The Select Processor page of the wizard appears on the screen.
Ensure Blackfin is selected in Processor family. In Choose a target
processor, select ADSP-BF506F. Click Next.
4. The Select Connection Type page of the wizard appears on the
screen. Select EZ-KIT Lite and click Next.
5. The Select Platform page of the wizard appears on the screen.
Ensure that the selected platform is ADSP-BF506F EZ-KIT Lite
via Debug Agent. Specify your own Session name for your session
or accept the default name.
The session name can be a string of any length; although, the box
displays approximately 32 characters. The session name can
include space characters. If you do not specify a session name,
VisualDSP++ creates a session name by combining the name of the
selected platform with the selected processor. The only way to
change a session name later is to delete the session and open a new
session.
Click Next.
6. The Finish page of the wizard appears on the screen. The page dis-
plays your selections. Check the selections. If you are not satisfied,
click Back to make changes; otherwise, click Finish. VisualDSP++
creates the new session and connects to the EZ-KIT Lite. Once
connected, the main window’s title is changed to include the ses-
sion name set in step 6.
To disconnect from a session, click the disconnect button
or select Session–>Disconnect from Target.
To delete a session, select Session –> Session List. Select the ses-
sion name from the list and click Delete. Click OK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75