Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1715ARMZ-R7 Fiches technique(PDF) 39 Page - Analog Devices

No de pièce ADP1715ARMZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1715ARMZ-R7 Fiches technique(HTML) 39 Page - Analog Devices

Back Button ADP1715ARMZ-R7 Datasheet HTML 35Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 36Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 37Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 38Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 39Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 40Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 41Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 42Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
2-5
ADSP-BF506F EZ-KIT Lite Hardware Reference
Table 2-2. Port G Programmable Flag Connections
Processor Pin
Other Processor Function
EZ-KIT Lite Function
PG0
SPI1_SEL3/TMRCLK/
PPI_CLK/ UA1_RX_ALT/
TACI4
Default: CAN_ERR
Land grid array, expansion interface II
PG1
SPI1_SEL2/PPI_FS3/
CAN_RX/ TACI5
Default: CAN_RX
Land grid array, expansion interface II
PG2
SPI1_SEL1/TMR4/CAN_TX/
SPI1_SS
Default: CAN_TX
Land grid array, expansion interface II
PG3
HWAIT/SPI1_SCK/DT1SEC/
UA1_TX_ALT
Default: not used
Land grid array, expansion interface II
PG4
SPI1_MOSI/DR1SEC_ALT/
PWM1_SYNC/TACLK6
Default: SD_WP
Land grid array, expansion interface II
PG5
SPI1_MISO/TMR7/
PWM1_TRIP
Default: SD_CD
Land grid array, expansion interface II
PG6
PG6 ACM_SGLDIFF/SD_D3/
PWM1_AH
Default: ACM_SGLDIFF
SD_D3
, land grid array, expansion interface II
PG7
ACM_RANGE/SD_D2/PWM1_AL
Default: ACM_RANGE
SD_D2
, land grid array, expansion interface II
PG8
DR1SEC/SD_D1/PWM1_BH
Default: ADC_DOUTB
SD_D1
, land grid array, expansion interface II
PG9
DR1PRI/SD_D0/PWM1_BL
Default: ADC_DOUTA
SD_D0
, land grid array, expansion interface II
PG10
RFS1/SD_CMD/PWM1_CH/
TACI6
Default: ADC_CS
SD_CMD
, land grid array, expansion interface II
PG11
RSCLK1/SD_CLK/PWM1_CL/
TACLK7
Default: ADC_SCLK
SD_CLK
, land grid array, expansion interface II
PG12
UA0_RX/SD_D4/PPI_D15/
TACI2
Default: UART0_RX
DS_D4
, land grid array, expansion interface II
PG13
UA0_TX/SD_D5/PPI_D14/
CZM1
Default: UART0_TX
DS_D5
, land grid array, expansion interface II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75