Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1715ARMZ-R7 Fiches technique(PDF) 52 Page - Analog Devices

No de pièce ADP1715ARMZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1715ARMZ-R7 Fiches technique(HTML) 52 Page - Analog Devices

Back Button ADP1715ARMZ-R7 Datasheet HTML 48Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 49Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 50Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 51Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 52Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 53Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 54Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 55Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
Connectors
2-18
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
When an emulator is used with the EZ-KIT Lite, the on-board debug
agent is bypassed.
Expansion Interface II Connectors (P2 and P4)
P2
and P4 are board-to-board connectors providing signals for the SPI,
TWI, UART, SPORT, and GPIO signals of the processor. The connec-
tors are located on the upper edge of the board (one connector is on the
top and one is on the bottom). For more information, see “Expansion
Interface II” on page 1-11.
Expansion Interface II Connector (P3)
P3
is a board-to-board connector providing signals for the PPI and GPIO
signals of the processor. The connector is located on the upper edge of the
board. For more information, see “Expansion Interface II” on page 1-11.
Part Description
Manufacturer
Part Number
50-position 0.1’’, SMT header
SAMTEC
TSSH-125-01-L-DV-A
Mating Connector
50-position 0.1’’, SMT socket
SAMTEC
SSW-125-22-F-D-VS
Part Description
Manufacturer
Part Number
70-position 0.1’’, SMT header
SAMTEC
TSSH-135-01-L-DV-A
Mating Connector
70-position 0.1’’, SMT socket
SAMTEC
SSW-135-22-F-D-VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75