Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1715ARMZ-R7 Fiches technique(PDF) 38 Page - Analog Devices

No de pièce ADP1715ARMZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1715ARMZ-R7 Fiches technique(HTML) 38 Page - Analog Devices

Back Button ADP1715ARMZ-R7 Datasheet HTML 34Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 35Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 36Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 37Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 38Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 39Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 40Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 41Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
Programmable Flags
2-4
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
PF4
RFS0/PWM0_CH/PPI_D10/
TACLK0
Default: PB1
Land grid array, expansion interface II
PF5
RFS0/PWM0_CH/PPI_D10/
TACLK0
Default: not used
Land grid array, expansion interface II
PF6
UA1_TX/PWM0_TRIP/
PPI_D12
Default: not used
Land grid array, expansion interface II
PF7
UA1_RX/PWM0_SYNC/
PPI_D13/TACI3
Default: not used
Land grid array, expansion interface II
PF8
UA1_RTS/DT0SEC/PPI_D7
Default: not used
Land grid array, expansion interface II
PF9
UA1_CTS/DR0SEC/PPI_D6/
CZM0
Default: not used
Land grid array, expansion interface II
PF10
SPI0_SCK/TMR2/PPI_D5
Default: SPI0_SCK
Land grid array, expansion interface II
PF11
SPI0_MISO/PWM0_TRIP/
PPI_D4/TACLK2
Default: SPI0_MISO
Land grid array, expansion interface II
PF12
SPI0_MOSI/PWM0_SYNC/
PPI_D3
Default: SPI0_MOSI
Land grid array, expansion interface II
PF13
SPI0_SEL1/TMR3/PPI_D2/
SPI0_SS
Default: SPI0_SEL1
Land grid array, expansion interface II
PF14
SPI0_SEL2/PWM0_AH/
PPI_D1
Default: not used
Land grid array, expansion interface II
PF15
SPI0_SEL3/PWM0_AL/
PPI_D0
Default: not used
Land grid array, expansion interface II
Table 2-1. Port F Programmable Flag Connections (Cont’d)
Processor Pin
Other Processor Function
EZ-KIT Lite Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75