Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8228 Fiches technique(PDF) 60 Page - ams AG

No de pièce AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Fiches technique(HTML) 60 Page - ams AG

Back Button AS8228 Datasheet HTML 56Page - ams AG AS8228 Datasheet HTML 57Page - ams AG AS8228 Datasheet HTML 58Page - ams AG AS8228 Datasheet HTML 59Page - ams AG AS8228 Datasheet HTML 60Page - ams AG AS8228 Datasheet HTML 61Page - ams AG AS8228 Datasheet HTML 62Page - ams AG AS8228 Datasheet HTML 63Page - ams AG AS8228 Datasheet HTML 64Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 60 of 123
OUT4
MSB
LSB
0
0
0
0
0
0
0
IO4
OUT5
MSB
LSB
0
0
0
0
0
0
0
IO5
OUT6
MSB
LSB
0
0
0
0
0
0
0
IO6
OUT7
MSB
LSB
0
0
0
0
0
0
0
IO7
OUT8
MSB
LSB
0
0
0
0
0
0
0
IO8
OUT9
MSB
LSB
0
0
0
0
0
0
0
IO9
AS8228 only
OUT10
MSB
LSB
0
0
0
0
0
0
0
IO10
AS8228 only
OUT11
MSB
LSB
0
0
0
0
0
0
0
IO11
AS8228 only
PCNT0/PCNT1/PCNT2 (951Bh/951Ch/951Dh)
The PCNT registers (pulse counter registers) contain the result of the pulse counting for calibration purposes.
PCNT0
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More