Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8228 Fiches technique(PDF) 83 Page - ams AG

No de pièce AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Fiches technique(HTML) 83 Page - ams AG

Back Button AS8228 Datasheet HTML 79Page - ams AG AS8228 Datasheet HTML 80Page - ams AG AS8228 Datasheet HTML 81Page - ams AG AS8228 Datasheet HTML 82Page - ams AG AS8228 Datasheet HTML 83Page - ams AG AS8228 Datasheet HTML 84Page - ams AG AS8228 Datasheet HTML 85Page - ams AG AS8228 Datasheet HTML 86Page - ams AG AS8228 Datasheet HTML 87Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 83 of 123
Symbol
Position
Function
Priority
EA
IE.7
1
Disables all interrupt when 0. If EA = 1 each interrupt is
individually enabled due to its enable bit.
ERTC
IE.6
RTC real time clock, interrupt enable bit
Lowest
ES2
IE.5
UART2, serial port, interrupt enable bit
ES
IE.4
1
UART1, serial port, interrupt enable bit
ESPI
IE.3
SPI serial port, interrupt enable bit
EIOX
IE.2
MPIO external pin, interrupt enable bit
ET0
IE.1
1
Timer 0, interrupt enable bit
EDSP
IE.0
DSP data available
Highest
Note:
1) Standard 8051 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More