Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8228 Fiches technique(PDF) 26 Page - ams AG

No de pièce AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Fiches technique(HTML) 26 Page - ams AG

Back Button AS8228 Datasheet HTML 22Page - ams AG AS8228 Datasheet HTML 23Page - ams AG AS8228 Datasheet HTML 24Page - ams AG AS8228 Datasheet HTML 25Page - ams AG AS8228 Datasheet HTML 26Page - ams AG AS8228 Datasheet HTML 27Page - ams AG AS8228 Datasheet HTML 28Page - ams AG AS8228 Datasheet HTML 29Page - ams AG AS8228 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 26 of 123
has been taken. If the ‘ack’ bit is not reset the P_ACCU will add the ‘old’ energy information to the ‘new’ energy
information accumulated in the following cycle.
In any event, the MCU must reset the dai flag in order to clear the interrupt.
Wait for
fast pulse
Increment
P_ACCU
np = 0
Y
N
New fast
pulse?
Y
np = P_ACCU + np (old)
P_ACCU = 0
nsamp
reached?
Y
IE.0 = 1
dai = 1
ack = 1
Y
ack = 0?
N
N
Note: The above flow chart assumes that the dai flag is always reset in time before the next interrupt is
generated.
Pulse Generation
Two pulse generators are provided to ensure that virtually any LED pulse rate output can be programmed for
display and calibration purposes. The first pulse generator (Fast Pulse Gen) produces fast internal pulses.
These fast pulses are accumulated in the power accumulator (P_ACCU) for energy data transfer to the MCU.
The second pulse generator (LED Pulse Gen) produces the LED output pulses (meter constant) from the fast
internal pulses. This type of data interface ensures that the MCU receives exactly the same energy information
as is displayed by the LED pulses.
In case of ‘creep’, the power samples to be added will be set to 0. This has the advantage that previously
recorded energy is not lost and remains exactly the same.
The following flow chart shows the basic flow diagram for pulse generation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More