| Moteur de recherche de fiches techniques de composants électroniques |
|
AS8228 Fiches technique(PDF) 59 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8228 Fiches technique(HTML) 59 Page - ams AG |
|
59 / 123 page ![]() Data Sheet AS8218 / AS8228 Revision 3.0, 31-May-06 Page 59 of 123 MSB LSB Input 0 0 0 0 0 1 1 1 IO7 0 0 0 0 1 0 0 0 IO8 0 0 0 0 1 0 0 1 IO9 0 0 0 0 1 0 1 0 IO10 0 0 0 0 1 0 1 1 IO11 AS8228 only IN0/IN1 (950Dh/950Eh) The IN registers (input registers) store the input data from the I/O pins. These registers are continuously updated by the ‘Mclk’ (main clock). IN0 MSB LSB IO7 IO6 IO5 IO4 IO3 IO2 IO1 IO0 IN1 MSB LSB 0 0 0 0 IO11 IO10 IO9 IO8 AS8228 only OUT0 … OUT11 (950Fh – 951Ah) The OUT registers (output registers) contain the output data to be sent to the I/O pins (through the multiplexers). OUT0 MSB LSB 0 0 0 0 0 0 0 IO0 OUT1 MSB LSB 0 0 0 0 0 0 0 IO1 OUT2 MSB LSB 0 0 0 0 0 0 0 IO2 OUT3 MSB LSB 0 0 0 0 0 0 0 IO3 |