Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8228 Fiches technique(PDF) 50 Page - ams AG

No de pièce AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Fiches technique(HTML) 50 Page - ams AG

Back Button AS8228 Datasheet HTML 46Page - ams AG AS8228 Datasheet HTML 47Page - ams AG AS8228 Datasheet HTML 48Page - ams AG AS8228 Datasheet HTML 49Page - ams AG AS8228 Datasheet HTML 50Page - ams AG AS8228 Datasheet HTML 51Page - ams AG AS8228 Datasheet HTML 52Page - ams AG AS8228 Datasheet HTML 53Page - ams AG AS8228 Datasheet HTML 54Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 50 of 123
LCDD Control (LCDD_CTRL) including Input and Config Registers
In the control block of the LCD driver there are two registers. Each of these registers may contain data to be
displayed. With a special bit (921Eh, bit 0), it is possible to select one of the two register banks for display.
Each register defines the settings for the different segment and plane select lines. The following table specifies
the allocation of the register bits:
LSD0
LSD1
LSD2
LSD3
LSD4
LSD5
LSD6
LSD7
LSD8
LSD9
LBP0
reg[0]
reg[4]
reg[8]
reg[12]
reg[16]
reg[20]
reg[24]
reg[28]
reg[32]
reg[36]
LBP1
reg[1]
reg[5]
reg[9]
reg[13]
reg[17]
reg[21]
reg[25]
reg[29]
reg[33]
reg[37]
LBP2
reg[2]
reg[6]
reg[10]
reg[14]
reg[18]
reg[22]
reg[26]
reg[30]
reg[34]
reg[38]
LBP3
reg[3]
reg[7]
reg[11]
reg[15]
reg[19]
reg[23]
reg[27]
reg[31]
reg[35]
reg[39]
LSD10
LSD11
LSD12
LSD13
LSD14
LSD15
LSD16
LSD17
LSD18
LSD19
LBP0
reg[40]
reg[44]
reg[48]
reg[52]
reg[56]
reg[60]
reg[64]
reg[68]
reg[72]
reg[76]
LBP1
reg[41]
reg[45]
reg[49]
reg[53]
reg[57]
reg[61]
reg[65]
reg[69]
reg[73]
reg[77]
LBP2
reg[42]
reg[46]
reg[50]
reg[54]
reg[58]
reg[62]
reg[66]
reg[70]
reg[74]
reg[78]
LBP3
reg[43]
reg[47]
reg[51]
reg[55]
reg[59]
reg[63]
reg[67]
reg[71]
reg[75]
reg[79]
LSD20
LSD21
LSD22
LSD23
LBP0
reg[80]
reg[84]
reg[88]
reg[92]
LBP1
reg[81]
reg[85]
reg[89]
reg[93]
LBP2
reg[82]
reg[86]
reg[90]
reg[94]
LBP3
reg[83]
reg[87]
reg[91]
reg[95]
AS8228 only
Notes:
1)
Each of the register bits represents one of the segments of the digits or a decimal point or one of the
annunciators.
2)
reg[x]=0: Segment is turned off; reg[x]=1: Segment is turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More