Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7713 Fiches technique(PDF) 83 Page - Sitronix Technology Co., Ltd.

No de pièce ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Fiches technique(HTML) 83 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 80Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 81Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 82Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 83Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 84Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 85Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 86Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 87Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 159 page
background image
ST7713
Ver 1.6
2008-05
83
9.16 Power Level Definition
9.16.1 Power Level
6 level modes are defined they are in order of Maximum Power consumption to Minimum Power
Consumption:
1. Normal Mode On (full display), Idle Mode Off, Sleep Out.
In this mode, the display is able to show maximum 262,144 colors.
2. Partial Mode On, Idle Mode Off, Sleep Out.
In this mode part of the display is used with maximum 262,144 colors.
3. Normal Mode On (full display), Idle Mode On, Sleep Out.
In this mode, the full display area is used but with 8 colors.
4. Partial Mode On, Idle Mode On, Sleep Out.
In this mode, part of the display is used but with 8 colors.
5. Sleep In Mode
In this mode, the DC: DC converter, Internal oscillator and panel driver circuit are stopped. Only the MCU interface and
memory works with VDDI power supply. Contents of the memory are safe.
6. Power Off Mode
In this mode, both VDD and VDDI are removed.
Note: Transition between modes 1-5 is controllable by MCU commands. Mode 6 is entered only when both Power supplies
are removed.
9.16.2 Power Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More