| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7713 Fiches technique(PDF) 30 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7713 Fiches technique(HTML) 30 Page - Sitronix Technology Co., Ltd. |
|
30 / 159 page ![]() ST7713 Ver 1.6 2008-05 30 Fig. 9.3.2 6800-series parallel bus protocol, write to register or display RAM 9.3.2 Read cycle sequence The read cycle (E low-high-low sequence) means that the host reads information from LCD driver via interface. The driver sends data (D[17:0]) to the host when there is a rising edge of E and the host reads data when there is a falling edge of E. Fig. 9.3.3 6800-series read protocol Note: E is an unsynchronized signal (It can be stopped) |