Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7713 Fiches technique(PDF) 36 Page - Sitronix Technology Co., Ltd.

No de pièce ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Fiches technique(HTML) 36 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 159 page
background image
ST7713
Ver 1.6
2008-05
36
9.5 Data Transfer Break and Recovery
If there is a break in data transmission by RESX pulse, while transferring a command or frame memory data or multiple
parameter command data, before Bit D0 of the byte has been completed, then driver will reject the previous bits and have
reset the interface such that it will be ready to receive command data again when the chip select line (CSX) is next
activated after RESX have been HIGH state. See the following example
Fig. 9.5.1 Serial bus protocol, write mode – interrupted by RESX
If there is a break in data transmission by CSX pulse, while transferring a command or frame memory data or multiple
parameter command data, before Bit D0 of the byte has been completed, then driver will reject the previous bits and have
reset the interface such that it will be ready to receive the same byte re-transmitted when the chip select line (CSX) is next
activated. See the following example
Fig. 9.5.2 Serial bus protocol, write mode – interrupted by CSX
If 1, 2 or more parameter commands are being sent and a break occurs while sending any parameter before the last one
and if the host then sends a new command rather than re-transmitting the parameter that was interrupted, then the
parameters that were successfully sent are stored and the parameter where the break occurred is rejected. The interface is
ready to receive next byte as shown below.
Fig.9.5.3 Write interrupts recovery (serial interface)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More