| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7713 Fiches technique(PDF) 38 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7713 Fiches technique(HTML) 38 Page - Sitronix Technology Co., Ltd. |
|
38 / 159 page ![]() ST7713 Ver 1.6 2008-05 38 9.6 Data transfer pause It will be possible when transferring a command, frame memory data or multiple parameter data to invoke a pause in the data transmission. If the chip select line is released after a whole byte of a frame memory data or multiple parameter data has been completed, then driver will wait and continue the frame memory data or parameter data transmission from the point where it was paused. If the chip select Line is released after a whole byte of a command has been completed, then the display module will receive either the command‘s parameters (if appropriate) or a new command when the chip select line is next enabled as shown below. This applies to the following 4 conditions: 1) Command-Pause-Command 2) Command-Pause-Parameter 3) Parameter-Pause-Command 4) Parameter-Pause-Parameter 9.6.1 Serial interface pause Fig. 9.6.1 Serial interface pause protocol (pause by CSX) 9.6.2 Parallel interface pause Fig. 9.6.2 Parallel bus pause protocol (paused by CSX) |