| Moteur de recherche de fiches techniques de composants électroniques |
|
MFRC522 Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFRC522 Fiches technique(HTML) 3 Page - NXP Semiconductors |
|
3 / 96 page ![]() MFRC522_33 © NXP B.V. 2009. All rights reserved. Product data sheet PUBLIC Rev. 3 — 26 October 2009 112133 3 of 96 NXP Semiconductors MFRC522 Contactless reader IC 5. Ordering information [1] Delivered in one tray. [2] Delivered in five trays. 6. Block diagram The analog interface handles the modulation and demodulation of the analog signals. The contactless UART manages the protocol requirements for the communication protocols in cooperation with the host. The FIFO buffer ensures fast and convenient data transfer to and from the host and the contactless UART and vice versa. Various host interfaces are implemented to meet different customer requirements. Table 2. Ordering information Type number Package Name Description Version MFRC52201HN1/TRAYB[1] HVQFN32 plastic thermal enhanced very thin quad flat package; no leads; 32 terminal; body 5 × 5 × 0.85 mm SOT617-1 MFRC52201HN1/TRAYBM[2] HVQFN32 plastic thermal enhanced very thin quad flat package; no leads; 32 terminal; body 5 × 5 × 0.85 mm SOT617-1 Fig 1. Simplified block diagram of the MFRC522 001aaj627 HOST ANTENNA FIFO BUFFER ANALOG INTERFACE CONTACTLESS UART SERIAL UART SPI I2C-BUS REGISTER BANK |