Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530-HiRel Fiches technique(PDF) 23 Page - Texas Instruments

No de pièce OMAP3530-HiRel
Description  OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530-HiRel Fiches technique(HTML) 23 Page - Texas Instruments

Back Button OMAP3530-HiRel Datasheet HTML 19Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 20Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 21Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 22Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 23Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 24Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 25Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 26Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 239 page
background image
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
www.ti.com
SPRS599 – JUNE 2009
Table 2-1. Ball Characteristics (CBB Pkg.) (continued)
BALL
BALL
PIN
MODE [4]
TYPE [5]
BALL
BALL
RESET
POWER [9]
HYS
BUFFER
PULL
IO
BOTTOM [1]
TOP [2]
NAME [3]
RESET
RESET
REL.
[10]
STRENGTH
U/D
CELL [13]
STATE [6]
REL.
MODE [8]
(mA) [11]
TYPE
STATE [7]
[12]
safe_mode
7
AD2
NA
mcbsp4_dx
0
IO
L
L
7
VDDS
Yes
4
PU/ PD
LVCMOS
gpio_154
4
IO
hsusb3_tll_ data2
5
IO
mm3_txdat
6
IO
safe_mode
7
AC1
NA
mcbsp4_fsx
0
IO
L
L
7
VDDS
Yes
4
PU/ PD
LVCMOS
gpio_155
4
IO
hsusb3_tll_ data3
5
IO
mm3_txen_n
6
IO
safe_mode
7
Y21
NA
mcbsp1_ clkr
0
IO
L
L
7
VDDS
Yes
4
PU/ PD
LVCMOS
mcspi4_clk
1
IO
gpio_156
4
IO
safe_mode
7
AA21
NA
mcbsp1_fsr
0
IO
L
L
7
VDDS
Yes
4
PU/ PD
LVCMOS
cam_global_reset
2
IO
gpio_157
4
IO
safe_mode
7
V21
NA
mcbsp1_dx
0
IO
L
L
7
VDDS
Yes
4
PU/ PD
LVCMOS
mcspi4_ simo
1
IO
mcbsp3_dx
2
IO
gpio_158
4
IO
safe_mode
7
U21
NA
mcbsp1_dr
0
I
L
L
7
VDDS
Yes
4
PU/ PD
LVCMOS
mcspi4_ somi
1
IO
mcbsp3_dr
2
O
gpio_159
4
IO
safe_mode
7
T21
NA
mcbsp_clks
0
I
L
L
7
VDDS
Yes
4
PU/ PD
LVCMOS
cam_ shutter
2
O
gpio_160
4
IO
uart1_cts
5
I
safe_mode
7
K26
NA
mcbsp1_fsx
0
IO
L
L
7
VDDS
Yes
4
PU/ PD
LVCMOS
mcspi4_cs0
1
IO
mcbsp3_fsx
2
IO
gpio_161
4
IO
safe_mode
7
W21
NA
mcbsp1_ clkx
0
IO
L
L
7
VDDS
Yes
4
PU/ PD
LVCMOS
mcbsp3_ clkx
2
IO
gpio_162
4
IO
safe_mode
7
H18
NA
uart3_cts_ rctx
0
IO
H
H
7
VDDS
Yes
4
PU/ PD
LVCMOS
gpio_163
4
IO
safe_mode
7
H19
NA
uart3_rts_ sd
0
O
H
H
7
VDDS
Yes
4
PU/ PD
LVCMOS
gpio_164
4
IO
safe_mode
7
H20
NA
uart3_rx_ irrx
0
I
H
H
7
VDDS
Yes
4
PU/ PD
LVCMOS
gpio_165
4
IO
safe_mode
7
H21
NA
uart3_tx_ irtx
0
O
H
H
7
VDDS
Yes
4
PU/ PD
LVCMOS
gpio_166
4
IO
Submit Documentation Feedback
TERMINAL DESCRIPTION
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More