Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530-HiRel Fiches technique(PDF) 86 Page - Texas Instruments

No de pièce OMAP3530-HiRel
Description  OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530-HiRel Fiches technique(HTML) 86 Page - Texas Instruments

Back Button OMAP3530-HiRel Datasheet HTML 82Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 83Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 84Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 85Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 86Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 87Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 88Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 89Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 239 page
background image
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
SPRS599 – JUNE 2009
www.ti.com
Table 2-25. General-Purpose IOs Signals Description (continued)
SIGNAL NAME
DESCRIPTION
TYPE(2)
BALL BOTTOM
BALL BOTTOM
(CBB Pkg.)
(CBC Pkg.)
gpio_91
General-purpose IO 91
IO
J26
N24
gpio_92
General-purpose IO 92
IO
AC27
AC25
gpio_93
General-purpose IO 93
IO
AC28
AB25
gpio_94
General-purpose IO 94
IO
A24
C23
gpio_95
General-purpose IO 95
IO
A23
D23
gpio_96
General-purpose IO 96
IO
C25
C25
gpio_97
General-purpose IO 97
IO
C27
C26
gpio_98
General-purpose IO 98
IO
C23
B23
gpio_99
General-purpose IO 99
I
AG17
AE16
gpio_100
General-purpose IO 100
I
AH17
AE15
gpio_101
General-purpose IO 101
IO
B24
A24
gpio_102
General-purpose IO 102
IO
C24
B24
gpio_103
General-purpose IO 103
IO
D24
D24
gpio_104
General-purpose IO 104
IO
A25
C24
gpio_105
General-purpose IO 105
IO
K28
P25
gpio_106
General-purpose IO 106
IO
L28
P26
gpio_107
General-purpose IO 107
IO
K27
N25
gpio_108
General-purpose IO 108
IO
L27
N26
gpio_109
General-purpose IO 109
IO
B25
D25
gpio_110
General-purpose IO 110
IO
C26
E26
gpio_111
General-purpose IO 111
IO
B26
E25
gpio_112
General-purpose IO 112
I
AG19
AD17
gpio_113
General-purpose IO 113
I
AH19
AD16
gpio_114
General-purpose IO 114
I
AG18
AE18
gpio_115
General-purpose IO 115
I
AH18
AE17
gpio_116
General-purpose IO 116
IO
P21
U18
gpio_117
General-purpose IO 117
IO
N21
R18
gpio_118
General-purpose IO 118
IO
R21
T18
gpio_119
General-purpose IO 119
IO
M21
R19
gpio_120
General-purpose IO 120
IO
N28 / T28
W19 / N19
gpio_121
General-purpose IO 121
IO
M27 / T25
U20 / L18
gpio_122
General-purpose IO 122
IO
N27 / R28
V19 / M19
gpio_123
General-purpose IO 123
IO
N26
M18
gpio_124
General-purpose IO 124
IO
N25 / T26
W18 / K18
gpio_125
General-purpose IO 125
IO
P28 / T27
V20 / N20
gpio_126
General-purpose IO 126
IO
D25 / P27
M20 / D26
gpio_127
General-purpose IO 127
IO
P26
P17
gpio_128
General-purpose IO 128
IO
R27
P18
gpio_129
General-purpose IO 129
IO
R25
P19
gpio_130
General-purpose IO 130
IO
AE2 / U28
Y20 / W10
gpio_131
General-purpose IO 131
IO
AG5 / U27
V18 / R10
gpio_132
General-purpose IO 132
IO
AH5
T10
gpio_133
General-purpose IO 133
IO
AH4
T9
gpio_134
General-purpose IO 134
IO
AG4
U10
gpio_135
General-purpose IO 135
IO
AF4
U9
gpio_136
General-purpose IO 136
IO
AE4
V10
TERMINAL DESCRIPTION
86
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More