| Moteur de recherche de fiches techniques de composants électroniques |
|
OMAP3530-HiRel Fiches technique(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530-HiRel Fiches technique(HTML) 16 Page - Texas Instruments |
|
16 / 239 page ![]() OMAP3525-HiRel and OMAP3530-HiRel Applications Processors SPRS599 – JUNE 2009 www.ti.com Table 2-1. Ball Characteristics (CBB Pkg.) (continued) BALL BALL PIN MODE [4] TYPE [5] BALL BALL RESET POWER [9] HYS BUFFER PULL IO BOTTOM [1] TOP [2] NAME [3] RESET RESET REL. [10] STRENGTH U/D CELL [13] STATE [6] REL. MODE [8] (mA) [11] TYPE STATE [7] [12] gpio_56 4 IO safe_mode 7 P8 NA gpmc_ncs6 0 O H H 7 VDDS_ MEM Yes 4 PU/ PD LVCMOS sys_ ndmareq3 1 I mcbsp4_dx 2 IO gpt11_pwm_evt 3 IO gpio_57 4 IO safe_mode 7 N8 NA gpmc_ncs7 0 O H H 7 VDDS_ MEM Yes 4 PU/ PD LVCMOS gpmc_io_dir 1 O mcbsp4_fsx 2 IO gpt8_pwm_evt 3 IO gpio_58 4 IO safe_mode 7 T4 W2 gpmc_clk 0 O L 0 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS gpio_59 4 IO safe_mode 7 F3 W1 gpmc_nadv_ale 0 O 0 0 0 VDDS_ MEM No 4 NA LVCMOS G2 V2 gpmc_noe 0 O 1 1 0 VDDS_ MEM No 4 NA LVCMOS F4 V1 gpmc_nwe 0 O 1 1 0 VDDS_ MEM No 4 NA LVCMOS G3 AC12 gpmc_nbe0_cle 0 O L 0 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS gpio_60 4 IO safe_mode 7 U3 NA gpmc_nbe1 0 O L L 7 VDDS_ MEM Yes 4 PU/ PD LVCMOS gpio_61 4 IO safe_mode 7 H1 AB10 gpmc_nwp 0 O L 0 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS gpio_62 4 IO safe_mode 7 M8 AB12 gpmc_wait0 0 I H H 0 VDDS_ MEM Yes NA PU/ PD LVCMOS L8 AC10 gpmc_wait1 0 I H H 7 VDDS_ MEM Yes 4 PU/ PD LVCMOS gpio_63 4 IO safe_mode 7 K8 NA gpmc_wait2 0 I H H 7 VDDS_ MEM Yes 4 PU/ PD LVCMOS gpio_64 4 IO safe_mode 7 J8 NA gpmc_wait3 0 I H H 7 VDDS_ MEM Yes 4 PU/ PD LVCMOS sys_ ndmareq1 1 I gpio_65 4 IO safe_mode 7 D28 NA dss_pclk 0 O H H 7 VDDS Yes 8 PU/ PD LVCMOS gpio_66 4 IO safe_mode 7 D26 NA dss_hsync 0 O H H 7 VDDS Yes 8 PU/ PD LVCMOS gpio_67 4 IO safe_mode 7 D27 NA dss_vsync 0 O H H 7 VDDS Yes 8 PU/ PD LVCMOS gpio_68 4 IO safe_mode 7 E27 NA dss_acbias 0 O L L 7 VDDS Yes 8 PU/ PD LVCMOS gpio_69 4 IO safe_mode 7 AG22 NA dss_data0 0 IO L L 7 VDDS Yes 8 PU/ PD LVDS/ CMOS uart1_cts 2 I TERMINAL DESCRIPTION 16 Submit Documentation Feedback |