Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530-HiRel Fiches technique(PDF) 19 Page - Texas Instruments

No de pièce OMAP3530-HiRel
Description  OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530-HiRel Fiches technique(HTML) 19 Page - Texas Instruments

Back Button OMAP3530-HiRel Datasheet HTML 15Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 16Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 17Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 18Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 19Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 20Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 21Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 22Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 239 page
background image
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
www.ti.com
SPRS599 – JUNE 2009
Table 2-1. Ball Characteristics (CBB Pkg.) (continued)
BALL
BALL
PIN
MODE [4]
TYPE [5]
BALL
BALL
RESET
POWER [9]
HYS
BUFFER
PULL
IO
BOTTOM [1]
TOP [2]
NAME [3]
RESET
RESET
REL.
[10]
STRENGTH
U/D
CELL [13]
STATE [6]
REL.
MODE [8]
(mA) [11]
TYPE
STATE [7]
[12]
safe_mode
7
AG17
NA
cam_d0
0
I
L
L
7
VDDS
Yes
=
NA
PU/PD
LVDS/ CMOS
gpio_99
4
I
safe_mode
7
AH17
NA
cam_d1
0
I
L
L
7
VDDS
Yes
=
NA
PU/PD
LVDS/ CMOS
gpio_100
4
I
safe_mode
7
B24
NA
cam_d2
0
I
L
L
7
VDDS
Yes
4
PU/ PD
LVCMOS
gpio_101
4
IO
safe_mode
7
C24
NA
cam_d3
0
I
L
L
7
VDDS
Yes
4
PU/ PD
LVCMOS
gpio_102
4
IO
safe_mode
7
D24
NA
cam_d4
0
I
L
L
7
VDDS
Yes
4
PU/ PD
LVCMOS
gpio_103
4
IO
safe_mode
7
A25
NA
cam_d5
0
I
L
L
7
VDDS
Yes
4
PU/ PD
LVCMOS
gpio_104
4
IO
safe_mode
7
K28
NA
cam_d6
0
I
L
L
7
VDDS
Yes
NA
PU/PD
LVDS/ CMOS
gpio_105
4
IO
8
safe_mode
7
NA
L28
NA
cam_d7
0
I
L
L
7
VDDS
Yes
NA
PU/PD
LVDS/ CMOS
gpio_106
4
IO
8
safe_mode
7
NA
K27
NA
cam_d8
0
I
L
L
7
VDDS
Yes
NA
PU/PD
LVDS/ CMOS
gpio_107
4
IO
8
safe_mode
7
NA
L27
NA
cam_d9
0
I
L
L
7
VDDS
Yes
NA
PU/PD
LVDS/ CMOS
gpio_108
4
IO
8
safe_mode
7
NA
B25
NA
cam_d10
0
I
L
L
7
VDDS
Yes
4
PU/ PD
LVCMOS
gpio_109
4
IO
safe_mode
7
C26
NA
cam_d11
0
I
L
L
7
VDDS
Yes
4
PU/ PD
LVCMOS
gpio_110
4
IO
safe_mode
7
B26
NA
cam_ xclkb
0
O
L
L
7
VDDS
Yes
4
PU/ PD
LVCMOS
gpio_111
4
IO
safe_mode
7
B23
NA
cam_wen
0
I
L
L
7
VDDS
Yes
4
PU/ PD
LVCMOS
cam_ shutter
2
O
gpio_167
4
IO
safe_mode
7
D25
NA
cam_ strobe
0
O
L
L
7
VDDS
Yes
4
PU/ PD
LVCMOS
gpio_126
4
IO
safe_mode
7
AG19
NA
gpio_112
4
I
L
L
7
VDDS
Yes
NA
PU/PD
LVDS/ CMOS
safe_mode
7
AH19
NA
gpio_113
4
I
L
L
7
VDDS
Yes
NA
PU/PD
LVDS/ CMOS
safe_mode
7
AG18
NA
gpio_114
4
I
L
L
7
VDDS
Yes
NA
PU/PD
LVDS/ CMOS
safe_mode
7
AH18
NA
gpio_115
4
I
L
L
7
VDDS
Yes
NA
PU/PD
LVDS/ CMOS
Submit Documentation Feedback
TERMINAL DESCRIPTION
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More