| Moteur de recherche de fiches techniques de composants électroniques |
|
OMAP3530-HiRel Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530-HiRel Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 239 page ![]() 2 TERMINAL DESCRIPTION 2.1 Terminal Assignment 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 A B C D E F G H J K L M N P T R U V W Y AA AB AC 24 25 26 27 28 AD AE AF AG AH 1 030-001 OMAP3525-HiRel and OMAP3530-HiRel Applications Processors SPRS599 – JUNE 2009 www.ti.com Figure 2-1 through Figure 2-4 show the ball locations for the 515-ball plastic ball grid array (s-PBGA) packages. Table 2-1 and Table 2-2 indicate the signal names and ball grid numbers for both packages. Figure 2-1. OMAP3525/30 Applications Processor CBB s-PBGA-N515 Package (Bottom View) TERMINAL DESCRIPTION 8 Submit Documentation Feedback |