Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC5421 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TMS320VC5421
Description  DIGITAL SIGNAL PROCESSOR
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5421 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 4Page - Texas Instruments TMS320VC5421 Datasheet HTML 5Page - Texas Instruments TMS320VC5421 Datasheet HTML 6Page - Texas Instruments TMS320VC5421 Datasheet HTML 7Page - Texas Instruments TMS320VC5421 Datasheet HTML 8Page - Texas Instruments TMS320VC5421 Datasheet HTML 9Page - Texas Instruments TMS320VC5421 Datasheet HTML 10Page - Texas Instruments TMS320VC5421 Datasheet HTML 11Page - Texas Instruments TMS320VC5421 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
TMS320VC5421
DIGITAL SIGNAL PROCESSOR
SPRS098 – DECEMBER 1999
8
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Assignments for the TMS320VC5421GGU
(144-Pin MicroStar Ball Grid Array) (Continued)
SIGNAL NAME
SIGNAL NAME
BALL
SIGNAL NAME
SIGNAL NAME
BALL
(NONMULTIPLEXED)
(MULTIPLEXED)
NO.
(NONMULTIPLEXED)
(MULTIPLEXED)
NO.
DVDD
C1
A_NMI
D1
A_BDR1
G1
CVDD
H1
EMU1/OFF
L1
EMU0
M1
VSS
B2
PPA0
A_HINT/HA0
C2
VSS
F2
A_BFSR1
G2
TDI
K2
DVDD
L2
PPD6
HD6
A3
PPD4
HD4
B3
A_GPIO2/BIO
E3
VSS
F3
HOLDA
J3
TRST
K3
VSS
N3
A_BFSR2
A4
PPA9
HA9
D4
IOSTRB
A_GPIO3/A_TOUT
E4
A_BCLKX1
H4
TCK
J4
A_BFSR0
M4
A_BDR0
N4
A_BCLKR2
C5
A_BDR2
D5
VSS
M5
CVDD
N5
READY
HRDY
C6
A_BCLKX2
D6
MSTRB
HCS
M6
DS
HDS2
N6
VSSA
C7
HOLD
D7
PS
HDS1
M7
B_BCLKX0
N7
B_BFSX2
C8
B_BCLKR2
D8
B_BFSX0
M8
VSS
N8
B_BDR2
C9
B_BFSR2
D9
VSS
M9
CVDD
N9
PPA1
B_HINT/HA1
C10
PPA5
HA5
D10
B_BCLKR1
G10
TEST
H10
SELA/B
PPA18
L10
PPA3
HCNTL0/HA3
M10
PPA4
HAS/HA4
B11
VSS
C11
B_BDR1
F11
B_BFSX1
G11
PPA13
HA13
K11
PPD10
HD10
L11
PPA6
HA6
A12
PPA14
HA14
B12
B_GPIO1
E12
CVDD
F12
B_RS
J12
HPIRS
K12
PPD11
HD11
N12
PPA7
HA7
A13
B_NMI
D13
B_GPIO0
B_ROMEN
E13
B_BCLKX1
H13
XIO
J13
PPA11
HA11
M13
PPA10
HA10
N13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88