| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320VC5421 Fiches technique(PDF) 57 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5421 Fiches technique(HTML) 57 Page - Texas Instruments |
|
57 / 88 page ![]() TMS320VC5421 DIGITAL SIGNAL PROCESSOR SPRS098 – DECEMBER 1999 57 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 external memory interface timing for a memory write switching characteristics over recommended operating conditions for a memory write (MSTRB = 0) [H = 0.5 tc(CO)]† (see Figure 25) PARAMETER MIN MAX UNIT td(CLKH-A) Delay time, CLKOUT high to address valid‡ – 1 4 ns td(CLKL-A) Delay time, CLKOUT low to address valid§ –1 4 ns td(CLKL-MSL) Delay time, CLKOUT low to MSTRB low –1 4 ns td(CLKL-D)W Delay time, CLKOUT low to data valid 0 7 ns td(CLKL-MSH) Delay time, CLKOUT low to MSTRB high – 1 5 ns td(CLKH-RWL) Delay time, CLKOUT high to R/W low 0 4 ns td(CLKH-RWH) Delay time, CLKOUT high to R/W high –1 4 ns td(RWL-MSTRBL) Delay time, R/W low to MSTRB low H – 2 H + 2 ns th(A)W Hold time, address valid after CLKOUT high‡ –1 4 ns † Address, PS, and DS timings are all included in timings referenced as address. ‡ In the case of a memory write preceded by a memory write § In the case of a memory write preceded by an I/O cycle timing requirements for a memory write (MSTRB = 0) [H = 0.5 tc(CO)]† (see Figure 25) MIN MAX UNIT th(D)MSH Hold time, write data valid after MSTRB high H – 3 H +3§ ns tw(SL)MS Pulse duration, MSTRB low§ 4H–4 ns tsu(A)W Setup time, address valid before MSTRB low 4H–4 ns tsu(D)MSH Setup time, write data valid before MSTRB high 4H–5 4H+5§ ns † Address, PS, and DS timings are all included in timings referenced as address. § In the case of a memory write preceded by an I/O cycle |