| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320VC5421 Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5421 Fiches technique(HTML) 5 Page - Texas Instruments |
|
5 / 88 page ![]() TMS320VC5421 DIGITAL SIGNAL PROCESSOR SPRS098 – DECEMBER 1999 5 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 Pin Assignments for the TMS320VC5421PGE (144-Pin Thin Quad Flatpack) SIGNAL NAME (NONMULTIPLEXED) SIGNAL NAME (MULTIPLEXED) PIN NO. SIGNAL NAME (NONMULTIPLEXED) SIGNAL NAME (MULTIPLEXED) PIN NO. PPD7 HD7 1 PPA8 HA8 2 PPA9 HA9 5 PPD1 HD1 6 IOSTRB A_GPIO3/A_TOUT 9 A_GPIO2/BIO 10 A_GPIO0 A_ROMEN 13 VSS 14 A_BFSR1 17 A_BDR1 18 CVDD 21 VSS 22 A_XF 25 A_CLKOUT 26 TMS 29 TDI 30 DVDD 33 A_INT0 34 VSS 37 PPD15 HD15 38 PPD13 HD13 41 PPD12 HD12 42 A_BCLKR0 45 A_BFSX0 46 A_BDX0 49 A_BCLKX0 50 PS HDS1 53 B_BCLKX0 54 VSS 57 B_BFSX0 58 CVDD 61 VSS 62 PPA2 HCNTL1/HA2 65 PPA3 HCNTL0/HA3 66 PPD9 HD9 69 PPD10 HD10 70 PPA10 HA10 73 PPA11 HA11 74 PPA12 HA12 77 PPA13 HA13 78 B_CLKOUT 81 B_XF 82 TEST 85 VSS 86 B_BDX1 89 VSS 90 VSS 93 CVDD 94 B_GPIO0 B_ROMEN 97 B_GPIO1 98 B_NMI 101 B_INT1 102 PPA16 HA16 105 VSS 106 PPA7 HA7 109 PPA6 HA6 110 PPA5 HA5 113 PPA1 B_HINT/HA1 114 B_BFSR2 117 B_BDR2 118 B_BCLKR2 121 B_BFSX2 122 VSS 125 AVDD 126 CLKIN 129 DVDD 130 CVDD 133 VSS 134 A_BFSR2 137 A_BDX2 138 PPD4 HD4 141 PPD5 HD5 142 |