| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320VC5421 Fiches technique(PDF) 69 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5421 Fiches technique(HTML) 69 Page - Texas Instruments |
|
69 / 88 page ![]() TMS320VC5421 DIGITAL SIGNAL PROCESSOR SPRS098 – DECEMBER 1999 69 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 general-purpose input output (GPIO) timing timing requirements for GPIO (see Figure 38) MIN MAX UNIT tsu(GPIO-COH) Setup time, GPIOx input valid before CLKOUT high, GPIOx configured as general-purpose input. 7 ns th(GPIO-COH) Hold time, GPIOx input valid after CLKOUT high, GPIOx configured as general-purpose input. 0 ns switching characteristics for GPIO (see Figure 38) PARAMETER MIN MAX UNIT td(COH-GPIO) Delay time, CLKOUT high to GPIOx output change. GPIOx configured as general-purpose output. 0 5 ns GPIOx Input Mode CLKOUT th(GPIO-COH) GPIOx Output Mode tsu(GPIO-COH) td(COH-GPIO) Figure 38. GPIO Timings |